Part Number Hot Search : 
98C51 74LVC1 NUB611T MAC224 TSH51107 HM112 D4C0412S TE010
Product Description
Full Text Search
 

To Download STR-X6757 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STR-X6757 Off-Line Quasi-Resonant Switching Regulators
Quasi-resonant topology IC Low EMI noise and soft switching Bottom-skip mode Improved system efficiency over the entire output load by avoiding increase of switching frequency Auto-Standby mode Lowers input power at very light output load condition Avalanche-guaranteed MOSFET Improves system-level reliability and does not require VDSS derating 650 VDSS / 0.62 RDS(on) Various protections Improved system-level reliability Pulse-by-pulse drain overcurrent limiting Overvoltage Protection (bias winding voltage sensing), with latch Overload Protection with latch Maximum on-time limit
Features and Benefits
Description
The STR-X6757 is a quasi-resonant topology IC designed for SMPS applications. It shows lower EMI noise characteristics than conventional PWM solutions, especially at greater than 2 MHz. It also provides a soft-switching mode to turn on the internal MOSFET at close to zero voltage (VDS bottom point) by use of the resonant characteristic of primary inductance and a resonant capacitor. The package is a fully molded TO-3P, which contains the controller chip (MIC) and MOSFET, enabling output power up to 320 W at 230 VAC and 165 W at universal input. The bottom-skip mode skips the first bottom of VDS and turns on the MOSFET at the second bottom point, to minimize an increase of operating frequency at light output load, improving systemlevel efficiency over the entire load range. There are two standby modes available to reduce the input power under very light load conditions. The first is Auto-Standby mode, which is internally triggered by periodic sensing, and the other is a manual standby mode, which is executed by clamping the secondary output. In general applications, the manual standby mode reduces the input power further compared to Auto-Standby mode.
Continued on the next page...
Package: 7-Pin TO-3P
Not to scale
Typical Application
28103.30-10
STR-X6757
Description (continued)
Off-Line Quasi-Resonant Switching Regulators
The soft-start mode minimizes surge voltage and reduces power stress to the MOSFET and to the secondary rectifying diodes during the start-up sequence. Various protections such as overvoltage, overload, overcurrent, maximum on-time protections and avalanche-energyguaranteed MOSFET secure good system-level reliability. Applications include the following: Set Top Box LCD PC monitor, LCD TV Printer, Scanner SMPS power supplies
Selection Guide
Part Number
STR-X6757
Package
TO-3P
Absolute Maximum Ratings at TA = 25C
Parameter Drain Current1 Maximum Switching Current2 Single Pulse Avalanche Energy3 Input Voltage for Controller (MIC) SS/OLP Terminal Voltage FB Terminal Inflow Current FB Terminal Voltage OCP/BD Terminal Voltage MOSFET Power Dissipation4 Symbol IDpeak IDmax EAS VCC VSSOLP IFB VFB VOCPBD PD1 Conditions Single pulse TA = -20C to 125C Single pulse, VDD = 30 V, L = 50 mH, ILpeak = 3.53 A Rating 18 18 326 35 -0.5 to 6.0 10 -0.5 to 9.0 -1.5 to 5.0 44 2.8 0.8 -20 to 125 -20 to 125 -40 to 125 150 Unit A A mJ V V mA V V W W W C C C C
IFB within the limits of IFB With infinite heatsink Without heatsink VCC x ICC Recommended operation temperature, see cautions
Controller (MIC) Power Dissipation PD2 Operating Internal Leadframe Temperature TF Operating Ambient Temperature TOP Storage Temperature Tstg Channel Temperature Tch 1Refer to MOSFET ASO curve 2I DMAX is the drain current determined by the drive voltage of the IC and the threshold voltage, Vth, of the MOSFET 3Refer to Avalanche Energy Derating curve 4Refer to MOSFET Ta-PD1 curve
All performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an ambient temperature, TA, of 25C, unless otherwise stated.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
2
STR-X6757
Functional Block Diagram
Off-Line Quasi-Resonant Switching Regulators
Terminal List Table
Number 1 2 3 4 5 6 7 Name D S GND VCC SS/OLP FB OCP/BD Drain Source Ground terminal Power supply terminal Soft Start/Overload Protection terminal Feedback terminal Overcurrent Protection/Bottom Detection Description MOSFET drain MOSFET source Ground Input of power supply for control circuit Input to set delay for Overload Protection and Soft Start operation Input for Constant Voltage Control and Burst (intermittent) Mode oscillation control signals Input for Overcurrent Detection and Bottom Detection signals Functions
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
3
STR-X6757
Off-Line Quasi-Resonant Switching Regulators
STR-X6757 A.S.O. temperature derating coefficient curve
STR-X6757 MOSFET A.S.O. Curve 100
Determined by On-Resistance
100s
100
A.S.O. temperature derating coefficient (%)
80
60
10
ID [A] Drain Current
40
1
1ms
20
0 0 20 40 60 80 100 120 TF [] Internal frame temperature
0.1
Apply A.S.O temperature coefficient from the left graph to this curve for evaluating actual operations' safety
0.01 1 10 100 1000 VDS[V] Drain-to-Source Voltage
STR-X6757 Avalanche energy derating curve 100
80
EAS temperature derating coefficient (%)
60
40
20
0 25 50 75 100 125 150
Tch [] Channel temperature
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
4
STR-X6757
Off-Line Quasi-Resonant Switching Regulators
STR-X6757 MOSFET Ta-PD1 Curve 50 45 40 35
PD1 [W] Power dissipation
PD1=44[W]
With infinite heatsink
STR-X6757 MIC TF-PD2 Curve 1
0.8
PD2 Power dissipation
30 25 20 15 10 5 0 0 20 40 60 80 100 120 140 Ta[] Ambient temperature
Without heatsink
0.6
0.4
0.2
PD1=2.8[W]
0 0 20 60 80 100 120 140 TF Internal frame temperature 40
STR-X6757 Transient thermal resistance curve
1
ch-c[/W] Transient thermal resistance
0.1
0.01
0.001 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
t [sec] time
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
5
STR-X6757
ELECTRICAL CHARACTERISTICS Characteristic
Off-Line Quasi-Resonant Switching Regulators
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS for Controller (MIC)1, valid at TA = 25C, VCC = 20 V, unless otherwise specified Power Supply Start-up Operation Operation Start Voltage Operation Stop Voltage Circuit Current In Operation Circuit Current In Non-Operation Oscillation Frequency Soft Start Operation Stop Voltage Soft Start Operation Charging Current Normal Operation Bottom-Skip Operation Threshold Voltage 1 Bottom-Skip Operation Threshold Voltage 2 Overcurrent Detection Threshold Voltage OCP/BD Terminal Outflow Current Quasi-Resonant Operation Threshold Voltage 1 Quasi-Resonant Operation Threshold Voltage 2 FB Terminal Threshold Voltage FB Terminal Inflow Current (Normal Operation) Standby Operation Standby Operation Start Voltage Standby Operation Start Voltage Interval Standby Non-Operation Circuit Current FB Terminal Inflow Current, Standby Operation FB Terminal Threshold Voltage, Standby Operation Minimum On Time Protection Operation Maximum On Time Overload Protection Operation Threshold Voltage Overload Protection Operation Charging Current Overvoltage Protection Operation Voltage Latch Circuit Holding Current2 Latch Circuit Release Voltage2 Drain-to-Source Breakdown Voltage Drain Leakage Current On Resistance Switching Time Thermal Resistance
1Current
VCC(ON) VCC(OFF) ICC(ON) ICC(OFF) fosc
VCC = 020 V VCC = 208.8 V VCC = 15 V
16.3 8.8 - - 19 1.1 -710 -0.720 -0.485 -0.995 -250 0.28 0.67 1.32 600 10.3 1.10 - - 0.55 0.65 27.5 4.0 -16 25.5 - 6.0 650 - - - -
18.2 9.7 - - 22 1.2 -550 -0.665 -0.435 -0.940 -100 0.40 0.80 1.45 1000 11.2 1.35 20 4 1.10 1.00 32.5 4.9 -11 27.7 45 7.2 - - - - -
19.9 10.6 6 100 25 1.4 -390 -0.605 -0.385 -0.895 -40 0.52 0.93 1.58 1400 12.1 1.65 56 14 1.50 1.35 39.0 5.8 -6 29.9 140 8.5 - 300 0.62 500 1.09
V V mA A kHz V A V V V A V V V A V V A A V s s V A V A V V A ns C/W
VSSOLP(SS) VSS/OLP increasing ISSOLP(SS) VOCPBD(BS1) VOCPBD(BS2) VOCPBD(LIM) VOCP/BD falling IOCPBD VOCP/BD = -0.95 V VOCPBD(TH1) VOCP/BD falling VOCPBD(TH2) VOCP/BD rising VFB(OFF) IFB(ON) VCC(S) VCC(SK) ICC(S) IFB(S) VFB(S) tON(MIN) tON(MAX) VSSOLP(OLP) ISSOLP(OLP) VSS/OLP = 2.5 V VCC(OVP) ICC(H) VCC = 030 V VCC(OFF) - 0.3 V VFB rising VFB = 1.6 V VCC = 015 V, VFB = 1.6 V VCC(SK) = VCC(S) - VCC(OFF) VCC = 10.2 V, VFB = 1.6 V VCC = 10.2 V, VFB = 1.6 V VCC = 15 V, VFB rising VSS/OLP = 0 V
VCC(La.OFF) VCC = 306 V, OVP operating VDSS IDSS RDS(on) tf Rch-F Channel to internal frame IDSS = 300 A VDSSS = 650 V IDS = 3.4 A
ELECTRICAL CHARACTERISTICS for MOSFET, valid at TA = 25C, unless otherwise specified
polarity with respect to the IC: positive current indicates current sink at the terminal named, negative current indicates source at the terminal named. 2The latch circuit means a circuit operated OVP and OLP.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
6
STR-X6757
Off-Line Quasi-Resonant Switching Regulators
Packing Specifications
388 100 pieces per tray 5 trays per inner carton (Outer packing dependent on quantity) Dimensions in millimeters
137
48 364 333 177 4 inner cartons per outer carton 500 pieces maximum per inner carton 2000 pieces maximum per outer carton Dimensions in millimeters
356
137
206 2 inner cartons per outer carton 500 pieces maximum per inner carton 1000 pieces maximum per outer carton Dimensions in millimeters
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
7
STR-X6757
Off-Line Quasi-Resonant Switching Regulators
Package Outline Drawing, TO-3P
15.6 0.2 Gate Burr 6 2 0.2 5.50.2 3.450.2 5.50.2
XXXXXXXX XXXXXXXX XXXXXXXX
23 0.3
Branding Area
O3.2 0.2 3.350.1
+0.2
6.70.5
3.3
12.50.5
0.55 -0.1
5.8 REF
View A
2X 2.540.1 4X 1.270.1 Terminal dimension at lead tip 2 1 3 4 5 6 7
4.3 0.5
3.6 0.5
+0.2
Terminal dimension at lead tip 1.33 -0.1 2X 0.83 -0.1
+0.2
3
5X 0.75 -0.1 5X 0.65 -0.1
+0.2 +0.2
+0.2
1.89 -0.1
Enlargement View A
0.5 0.5 Front View (Plan View)
Gate burr: 0.3 mm (max.) Terminal core material: Cu Terminal treatment: Ni plating and Pb-free solder dip Leadform: 1905 Approximate weight: 6 g Dimensions in millimeters
Drawing for reference only Branding codes (exact appearance at manufacturer discretion): 1st line, type: STR 2nd line, subtype: X6757 3rd line, lot: YM DD Where: Y is the last digit of the year of manufacture M is the month (1 to 9, O, N, D) DD is the 2-digit date
Leadframe plating Pb-free. Device composition includes high-temperature solder (Pb >85%), which is exempted from the RoHS directive.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
8
STR-X6757
Off-Line Quasi-Resonant Switching Regulators
WARNING -- These devices are designed to be operated at lethal voltages and energy levels. Circuit designs that embody these components must conform with applicable safety requirements. Precautions must be taken to prevent accidental contact with power-line potentials. The use of an isolation transformer is recommended during circuit development and breadboarding.
Because reliability can be affected adversely by improper storage environments and handling methods, please observe the following cautions. Cautions for Storage * Ensure that storage conditions comply with the standard temperature (5C to 35C) and the standard relative humidity (around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity. * Avoid locations where dust or harmful gases are present and avoid direct sunlight. * Reinspect for rust on leads and solderability of products that have been stored for a long time. Cautions for Testing and Handling When tests are carried out during inspection testing and other standard test periods, protect the products from power surges from the testing device, shorts between adjacent products, and shorts to the heatsink. Remarks About Using Silicone Grease with a Heatsink * When silicone grease is used in mounting this product on a heatsink, it shall be applied evenly and thinly. If more silicone grease than required is applied, it may produce stress. * Coat the back surface of the product and both surfaces of the insulating plate to improve heat transfer between the product and the heatsink. * Volatile-type silicone greases may permeate the product and produce cracks after long periods of time, resulting in reduced heat radiation effect, and possibly shortening the lifetime of the product. * Our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the product life, are indicated below: Type G746 YG6260 SC102 Suppliers Shin-Etsu Chemical Co., Ltd. Momentive Performance Materials Dow Corning Toray Silicone Co., Ltd.
Heatsink Mounting Method
*
Torque When Tightening Mounting Screws. Thermal resistance increases when tightening torque is low, and radiation effects are decreased. When the torque is too high, the screw can strip, the heatsink can be deformed, and distortion can arise in the product frame. To avoid these problems, observe the recommended tightening torques for this product package type, TO-3P: 0.588 to 0.785 N*m (6 to 8 kgf*cm). For effective heat transfer, the contact area between the product and the heatsink should be free from burrs and metal fragments, and the heatsink should be flat and large enough to contact over the entire side of the product, including mounting flange and exposed thermal pad, and have a minimal mounting hole to prevent possible deflection and cracking of the product case when fastened to the heatsink. When soldering the products, please be sure to minimize the working time, within the following limits: 2605C 10 s 3505C 3s
*
Soldering *
*
Soldering iron should be at a distance of at least 1.5 mm from the body of the products When handling the products, operator must be grounded. Grounded wrist straps worn should have at least 1 M of resistance to ground to prevent shock hazard. Workbenches where the products are handled should be grounded and be provided with conductive table and floor mats. When using measuring equipment such as a curve tracer, the equipment should be grounded. When soldering the products, the head of soldering irons or the solder bath must be grounded in other to prevent leak voltages generated by them from being applied to the products. The products should always be stored and transported in our shipping containers or conductive containers, or be wrapped in aluminum foil.
Electrostatic Discharge *
* * *
*
Recommended operation temperature * Inner frame temperature in operation TF = 115C
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
9
STR-X6757
Off-Line Quasi-Resonant Switching Regulators
The products described herein are manufactured in Japan by Sanken Electric Co., Ltd. for sale by Allegro MicroSystems, Inc. Sanken and Allegro reserve the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Therefore, the user is cautioned to verify that the information in this publication is current before placing any order. When using the products described herein, the applicability and suitability of such products for the intended purpose shall be reviewed at the users responsibility. Although Sanken undertakes to enhance the quality and reliability of its products, the occurrence of failure and defect of semiconductor products at a certain rate is inevitable. Users of Sanken products are requested to take, at their own risk, preventative measures including safety design of the equipment or systems against any possible injury, death, fires or damages to society due to device failure or malfunction. Sanken products listed in this publication are designed and intended for use as components in general-purpose electronic equipment or apparatus (home appliances, office equipment, telecommunication equipment, measuring equipment, etc.). Their use in any application requiring radiation hardness assurance (e.g., aerospace equipment) is not supported. When considering the use of Sanken products in applications where higher reliability is required (transportation equipment and its control systems or equipment, fire- or burglar-alarm systems, various safety devices, etc.), contact a company sales representative to discuss and obtain written confirmation of your specifications. The use of Sanken products without the written consent of Sanken in applications where extremely high reliability is required (aerospace equipment, nuclear power-control stations, life-support systems, etc.) is strictly prohibited. The information included herein is believed to be accurate and reliable. Application and operation examples described in this publication are given for reference only and Sanken and Allegro assume no responsibility for any infringement of industrial property rights, intellectual property rights, or any other rights of Sanken or Allegro or any third party that may result from its use. The contents in this document must not be transcribed or copied without Sanken's or Allegro's written consent.
Copyright (c)2009 Allegro MicroSystems, Inc.
This datasheet is based on Sanken datasheet SSE-23855
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
10
STR-X6757
Off-Line Quasi-Resonant Switching Regulators
Worldwide Contacts
Asia-Pacific China Sanken Electric Hong Kong Co., Ltd.
Suite 1026, Ocean Centre, Canton Road Tsimshatsui, Kowloon, Hong Kong Tel: 852-2735-5262, Fax: 852-2735-5494
Singapore Sanken Electric Singapore Pte. Ltd.
150 Beach Road, #14-03 The Gateway West Singapore 189720 Tel: 65-6291-4755, Fax: 65-6297-1744
Sanken Electric (Shanghai) Co., Ltd.
Room 3202, Maxdo Centre, Xingyi Road 8 Changning District, Shanghai, China Tel: 86-21-5208-1177, Fax: 86-21-5208-1757
Europe Sanken Power Systems (UK) Limited
Pencoed Technology Park Pencoed, Bridgend CF35 5HY, United Kingdom Tel: 44-1656-869-100, Fax: 44-1656-869-162
Taiwan Sanken Electric Co., Ltd.
Room 1801, 18th Floor, 88 Jung Shiau East Road Sec. 2, Taipei 100, Taiwan R.O.C. Tel: 886-2-2356-8161, Fax: 886-2-2356-8261
Japan Sanken Electric Co., Ltd. Overseas Sales Headquarters
Metropolitan Plaza Building, 1-11-1 Nishi-Ikebukuro Toshima-ku, Tokyo 171-0021, Japan Tel: 81-3-3986-6164, Fax: 81-3-3986-8637
North America United States Allegro MicroSystems, Inc.
115 Northeast Cutoff Worcester, Massachusetts 01606, U.S.A. Tel: 1-508-853-5000, Fax: 1-508-853-7895
Korea Sanken Electric Korea Co., Ltd.
Mirae Asset Life Building, 6F 168 Kongduk-dong, Mapo-ku Seoul 121-705, Korea Tel: 82-2-714-3700, Fax: 82-2-3272-2145
Allegro MicroSystems, Inc.
14 Hughes Street, Suite B105 Irvine, California 92618, U.S.A. Tel: 1-949-460-2003, Fax: 1-949-460-7837
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
11


▲Up To Search▲   

 
Price & Availability of STR-X6757

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X